|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification PCS/AMPS Dual-Band Dual-Mode Power Amplifier Module QCPM-9801 _____________________ Features * Operating frequency: PCS: 1850 - 1910 MHz AMPS: 824 - 849 MHz Package Pin Configuration (Back side) 6 78 9 10 11 12 13 3 2 1 General Description The Dual-Band Dual-Mode Power Amplifier Module (PAM) offers a highly integrated solution for CDMA dual-band Dual-mode handsets. The integrated solution leads to improvements in cost, size, performance, and reliability. This PAM also offers several features that will make handset design more flexible and robust. The module contains two power amplifiers (PCS and Cellular PAs), two driver amplifiers with power control and bias circuits. The cellular power amplifiers provides : 29 dBm Pout and 44% Power Added Efficiency (PAE) at 3.4 V in AMPS mode. While the PCS power amplifier achieves 28.5 dBm Pout and 28 % PAE at 3.4V in PCS mode. The PAM is designed with dynamic bias control to optimize the PAE at low output power in PCS mode to maximize the system talk time. The surface mount RF MultiPak insures cost, size, and high volume manufacturing advantages over other traditional approaches. * Typical Output Power @ 3.4V: PCS : 28.5 dBm AMPS: 29 dBm * Internal 50 ohm matching networks for both RF IN/OUT * 3.4 - 4.2 V operation (reduced performance at 3V) 5 4 1 * Dynamic bias controls optimize PAE at low output power for PCS * 11.5 mm x 11.5 mm SMT RF MultiPak * Dual Band CDMA handsets Applications * Wireless Data terminals * WLL * Driver for Base station Small SMT Multipak Functional Block Diagram CDMA_Vc AMPS_Vc 9804 CQ PM CELLULAR PA matching network matching network matching network CELLULAR PA OUT PCS CDMA IN matching network matching network matching network PCS CDMA OUT QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification QCPM-9801 Absolute Maximum Ratings1 Cellular Parameter Vcc supply voltage Power Dissipation2,3 Bias Current Amplifier Input RF Power Junction temperature Storage temperature (case temperature) -40 C Min. Max. 4.5 V 2.5 W 1.5 A 10 dBm +150 C +120 C -40 C Min. PCS Max. 4.5 V 2.5 W 1.5 A 10 dBm +150 C +120 C Thermal Resistance2 jc = X /W Notes: 1. Operation of this device in excess of any of these limits may cause permanent damage. 2. Tcase = 25 C 3. Derate at X mW/C for Tcase.>85 C Recommended operating range of Vcc = 3.4 to 4.2 V, Ta = - 30 to + 85 C (reduced performance at 3.0 V and 110 C) QCPM-9801 Standard Test Conditions All test are done in 50 system at 25 C , unless noted otherwise. VCC = 3.4V ACPR = Power in a Channel Power in band @ 1.25 MHz 30 KHz the band 12288 MHz . away from the center of the channel QCPM-9801 Summary Characterization Information Parameter PCS Mode Frequency Range Gain (Pout = 28.5 dBm) Gain (Pout = 16 dBm) Output Power Power Added Efficiency Pout = 28.5 dBm Pout = 16 dBm Input VSWR (Pout = 28.5 dBm) Input VSWR (Pout = 16 dBm) Power Down Current ACPR @ 1.25 MHz offset Units MHz dB dB dBm % % Min 1850 22 19 28 TBA TBA Typ 24 21 28.5 28 6 2.0:1 2.5:1 Max 1910 Comments Vc = 2.5V Vc = 1.8V Vc = 2.5V Vc = 1.8V A dBc/30kHz -45 40 -46 2 QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification ACPR @ 2.25 MHz offset Noise Power @ 80 MHz offset in 1930-1990 MHz ) Stability (Spurious): Load VSWR 5:1 Harmonics: 2Fo, 3Fo AMPS mode Frequency Range Output Power Power Added Efficiency (Pout = 29 dBm) Noise Power @ 45 MHz offset in RX band (869894MHz) Harmonics: 2Fo, 3Fo Input VSWR Switching Time DC ON/OFF RF ON/OFF dBc/30kHz dBm/Hz dBc dBc -58 -139 55 -30 All phases MHz dBm % dBm/Hz 824 29 TBA 44 -136 849 Vc = 1.6V dBc -30 2:1 s s 40 6 3 QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification QCPM-9801 Pin Description Table No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Mnemonic CDMA_IN CDMA OUT CDMA Vcc AMPS Vcc AMPS OUT AMPS IN AMPS_Vc Vcc_IC CDMA_Vc GND Description Input RF for PCS CDMA Not connect RF PCS CDMA output Supply voltage for CDMA Supply voltage for AMPS and cellular CDMA RF AMPS and cellular CDMA output Not connect Not connect RF AMPS and cellular CDMA input Bias control for AMPS and cellular CDMA PA Supply voltage for control and driver Not connect Bias control for PCS CDMA PA Ground plane (back of the module) Typical Signal RF input RF Output DC DC RF Output RF DC Notes 7 6 AMPS OUT NC 8 NC AMPS IN 9 AMPS Vc 10 11 5 4 Vcc AMPS Vcc CDMA Vcc IC NC 12 CDMA Vc 13 1 3 CDMA OUT NC CDMA IN_A 2 Figure 1 Internal block diagram with pinout (back side) 4 QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification Part Number Ordering Information Part Number QCPM-9801 No. of Devices Container Package Dimensions Small MultiPak-16 Package (in inches) QCPM-9801 Land Pattern Recommendation: 5 QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification Notes: 1. All pads are 50 mil pitch with 20 mil spacing 2. Module to be centered on the land pattern 3. Pins 1, 3, 6, and 9 are 50 4. Pins 1 and 9 are DC shorts for more information: United States: call your local HP sales office listed in your telephone directory. Ask for a components representative. Canada: (416) 206-4725 Europe: (44) 276-685783 Asia Pacific / Australia: (65) 290-6360 Japan: (81) 3 3331-6111 Data subject to change Copyright December 1998 Hewlett packard Co. Printed in U.S.A. 6 |
Price & Availability of QCPM-9801 |